Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download 1N4747A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4741A THRU 1M200Z
Glass Passivated Junction Silicon Zener Diode
Voltage Range 11 to 200 Volts 1.0 Watts Peak Power
Features
Low profile package Built-in strain relief Glass passivated junction Low inductance Typical IR less than 5.0A above 11V High temperature soldering guaranteed: 260OC / 10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-0
DO-41
Mechanical Data
Case: Molded plastic DO-41 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 2025 Polarity: Color Band denotes cathode end Mounting position : Any Weight: 0.012 ounces, 0.3 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Type Number Symbol Value O 1.0 Peak Power Dissipation at TA=50 C, PD 6.67 Derate above 50 OC (Note 1) Peak Forward Surge Current, 8.3 ms Single Half IFSM 10.0 Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2) TJ, TSTG -55 to + 150 Operating and Storage Temperature Range 2 Notes: 1. Mounted on 5.0mm (0.013mm thick) land areas. 2. Measured on 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. Units Watts mW/ OC Amps
O
C
- 818 -
ELECTRICAL CHARACTERISTICS (TA=25OC
Nominal Zener Voltage
unless otherwise noted) VF=1.2V max, IF=200mA for all types. Surge Current @ TA = 25OC Ir - mA (Note 5) 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 -
Test
Device (Note 1) 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A 1M110Z 1M120Z 1M130Z 1M150Z 1M160Z 1M180Z 1M200Z
Vz @ Izt Voltage (Notes 2 & 3) 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
Current IZT mA 23 21 19 17 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2
Maximum Zener Impedance (Note 4) Leakage Current
ZZT @ IZT Ohms 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 450 550 700 1000 1100 1200 1500
ZZK @ IZK Ohms mA 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR @ VR uA Max Volts 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0
Notes: 1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds while maintaining O O the lead temperature (TL) at 30 C 1 C, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 1000 cycle ac voltage, which results when an ac current having and rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 10. 6. Additionnal measurement of Voltage group 9V1 to 75 at 95% Vzmin <35nA at Tj 25C
- 819 -
RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z)
FIG.1- POWER TEMPERATURE DERATING CURVE
PD, MAXIMUM POWER DISSIPATION (WATTS)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1000 500
IF, FORWARD CURRENT (mA)
1.25
MINIMUM MAXIMUM
1.0
200 100 50 20 10 5 2
o
0.75
0.5
70 C 150 C 25 C 0C
o o
o
0.25
0 0 20 40 60 80 100 120 140
o
1 160 180 200 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
AMBIENT TEMPERATURE( C)
VF, FORWARD VOLTAGE (VOLTS)
FIG.3- EFFECT OF ZENER CURRENT ON ZENER IMPEDANCE
1000
ZZ, DYNAMIC IMPEDANCE (OHMS)
FIG.5- TYPICAL LEAKAGE CURRENT
10000 7000 5000 2000 1000 700 500 200 100 70 50
IR, LEAKAGE CURRENT ( A)
500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5
TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz 47V
o
TYPICAL LEAKAGE CURRENT AT 80% OF NOMINAL BREAKDOWN VOLTAGE
27V 0.8V
20 10 7 5 2 1 0.7 0.5 0.2
10
20
50
100
IZ, ZENER CURRENT (mA)
FIG.4- EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
ZZ, DYNAMIC IMPEDANCE (OHMS)
1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7
+125 C
o
IZ = 1.0mA 5.0mA
TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz
o
0.1 0.07 0.05 0.02
20mA
0.01 0.007 0.005 0.002 0.001 3 10 20 30 50 70 100 4 5 6 7 8 9 10 11
+25 C
o
12
13
14
15
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
IZ, ZENER CURRENT (mA)
- 820 -
RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z)
FIG.6- TYPICAL CAPACITANCE versus Vz
400 300 200
C, CAPACITANCE (pF)
FIG.7- TEMPERATURE COEFFICIENTS
a-RANGE FOR UNITS TO 12 VOLTS
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
+12 +10 +8.0 +6.0 +4.0 +2.0 0 -2.0 -4.0 2 3 4 5 6 7 8 9 10 11 12
VZ, ZENER VOLTAGE (VOLTS)
100
0V BIAS 1.0V BIAS
10 8 4 1
RANGE
VZ @ IZT
50% OF BREAKDOWN BIAS
10
VZ, FORWARD VOLTAGE (VOLTS)
100
FIG.8- TEMPERATURE COEFFICIENTS
b-RANGE FOR UNITS 12 TO 100 VOLTS
FIG.9- EFFECT OF ZENER CURRENT
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
100 70 50 30 20 10 7 5 3 2 1 10 20 30 50 70 100
VZ, ZENER VOLTAGE (VOLTS)
+6.0
+4.0
VZ @ IZT TJ=25 OC
+2.0
RANGE
VZ @ IZT
20mA
0
0.01mA 1.0mA
NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS CHANGES IN ZENER CURRENT OO NOT AFFECT TEMPERATURE COEFFICIENTS
-2.0
-4.0 3 4 5 6 7 8
VZ, ZENER VOLTAGE (VOLTS)
FIG.10- TYPICAL THERMAL RESISTANCE versus LEAD LENGTH
175
OJL, JUNCTION TO LEAD THERMAL RESISTANCE (oC/W)
150 125 100 75 50 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
L, LEAD LENGTH TO HEAT SINK (INCHES)
- 821 -
RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z)
FIG.11- MAXIMUM SURGE POWER
Ppk, PEAK SURGE POWER IWATTSO
100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000
PW, PULSE WIDTH (ms)
0.8V -10V
NON
11V -9
-RE PET ITIV
1V N
ON-
REP
5% DU
TY CY
E
ETIT
IVE
RECTANGULAR WAVEFORM o TJ = 25 C PRIOR TO INITIAL PULSE
CLE
10% DU
TY CYC
LE
20% DUTY CYCLE
- 822 -


▲Up To Search▲   

 
Price & Availability of 1N4747A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X